Part Number Hot Search : 
SC470 BZM55C43 STM9435 XXXGPX AS8501 MAX11 MT9173 330M35
Product Description
Full Text Search
 

To Download TX-702F287DPA012288MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vectron international www.vectron.com v. 2008 - 11 - 05 page 1 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 wat ts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax tx - 702 tcxo typical applications features pcs base stations efc standard land mobile radio low profile cellular telephony small size radio in the local loop 100 % rohs compliant frequency range 50 mhz ? 1 ghz standard frequencies 10 0; 122,88; 155,52; 311,04; 622,08 mhz frequency stabilities 1 parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range - 1.5 - 1.0 +1.5 + 1.0 ppm ppm - 40?..+85c - 40?..+85 c f156 f106 (referenced to +25 c) - 2.5 +2.5 ppm - 20 ? +70c d256 - 1.0 +1.0 ppm - 20 ? +70c d106 - 1.0 +1.0 ppm 0 ? +50c b106 - 0.5 +0.5 ppm 0 ? +50c b507 parameter min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs aging /1. year - 2.5 - 0.5 - 0.2 - 1 .0 +2.5 +0.5 +0.2 +1.0 ppm ppm ppm ppm at time of shipment, nominal efc v s 5% load 10% frequency stabilities 1 [ stratum 3 tcxo] < 32mhz parameter min typ max. units operating temp range ordering code 5 vs. operating temperature range - 0.8 + 0.8 ppm - 20 ? +70c d807 (referenced to +25 c) - 0.28 +0.28 ppm 0 ? +50c b287 * - 0.28 +0.28 ppm - 20 ? +70c d287 * - 0.80 +0.80 ppm - 40 ? +85c f807 - 0.28 +0.28 ppm - 30 ? +85c g287 * - 0.28 +0.28 ppm - 40 ? +85c f287 * paramet er min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs aging /15 years overall tolerance - 1.0 - 0.2 - 0.1 - 2.5 - 4.6 +1.0 +0.2 +0.1 +2.5 - 4.6 ppm ppm ppm ppm ppm at time of shipment, nominal efc v s 5 % load 10% note * stratum 3 per gr - 1244 - core: <4.6 ppm for all causes and 20 years aging,holdover: <0.37 ppm over 24 hours (code: d287 & b287 & g287 & f287 )
vectron international www.vectron.com v. 2008 - 11 - 05 page 2 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 wat ts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax tx - 702 tcxo supply voltage (vs) parameter min typ max. units condition ordering code 5 supply voltage [standard] 3.135 3.3 3.465 vdc d current consumption 120 ma steady state @ +25c rf output parameter min typ max. units condition ordering code 5 signal pecl p load 50 vs - 2v rise and fall time 1 ns 20 to 80 % duty cycle 45 55 % signal lvds l load 100 rise and fall time 1 ns 10 to 90 % duty cycle 40 60 % frequency tuning (efc) parameter min typ max. units condition ordering code 5 tuning range fixed tcxo; no adjust 0 tuning range for d807;b287;d287;f807;g287;f287 stratum 3 version 5.0 14.0 20.0 ppm 1 tuning range 8.0 14.0 20.0 2 linearity 10 % tuning slope positive control voltage range 0.3 1.65 3.0 vdc with vs=3.3vdc freq. control input impedance 10 k w additional parameters parameter min typ max. units condition phase noise 3 - 50 dbc/hz 10 hz @ 622,08 mhz - 85 dbc/hz 100 hz - 1 00 dbc/hz 1 k hz - 1 09 dbc/hz 10 khz - 1 09 dbc/hz 100 khz - 130 dbc/hz 1 mhz - 145 dbc/hz 10 mhz weight 2 g processing & packing handling & processing note absolut e maximum ratings parameter min typ max. units condition supply voltage (vs) 6.0 v control voltage 0 vs v operable temperature range - 40 +85 c storage temperature range - 55 +125 c
vectron international www.vectron.com v. 2008 - 11 - 05 page 3 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 wat ts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax tx - 702 tcxo typical phase noise and jitter ( 622,08 mhz; l vpecl output) frequency range [hz] jitter [ps rms] 12khz to 20mhz 0. 563 ps standard shipping method *bei w 24 mm nur untere lochreihe * by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite tape buttom side abwickelrichtung unwinding direction lage im gurt position in tape pin 1 a x p b k production tolerance complying din iec 286 - 3 enclosure type tape width w [mm] quantity per meter quantity per reel dimension p g2 94 12 150. 750. 8
vectron international www.vectron.com v. 2008 - 11 - 05 page 4 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 wat ts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax tx - 702 tcxo enc losures code a package codes: type height ?h? pin length ?l? g2 94 3,8 na dimensions: mm pin connections 1 voltage control (vc) / enable / n.c 2 n.c. 3 ground (case) 4 rf output 5 rf output complementary 6 supply voltage input (vs) marking tx - 702 - xxxx frequency * vi ayyww
vectron international www.vectron.com v. 2008 - 11 - 05 page 5 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 wat ts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax tx - 702 tcxo recommended reflow profile pr ofile feature pb - free assembly /sn - pb assembly profile feature pb - free assembly /sn - pb assembly average ramp - up rate (t l to tp) 3c/second max. time 25c to peak temperature 8 minutes max. preheat - temperature min ts min ) - temperature min ts max ) - time (min to max) (ts) 150c 200c 60 - 180 seconds time maintainted above - temperature (t l ) - time (t l ) 217c 60 - 150 seconds ts max to t l - ramp - up rate 3c/second max. time maintainte d above - temperature (t l ) - time (t l ) 217c 60 - 150 seconds time within 5c of actual peak temperature (tp) 20 - 40 seconds peak temperature (tp) max 260c ramp - down rate 6c/second max. note: all tempera tures refer to topside of the package, measured on the package body surface. how to o rder this product: model stability code supply voltage code rf output code package code frequency control/ enable frequency tx - 702 f287 d a a 1 6.4 mhz vs.operat. temp. range supply: tuning range: f15 6 1.5ppm - 40 ? +85c d: 3.3v 0: fixed tcxo; no adjust f 106 1.0ppm - 40 ? +85c 1: 5.0 ppm ? 20.0 ppm d256 2.5ppm - 20 ? +70c 2: 8.0 ppm ? 20.0 ppm d106 1.0ppm - 20 ? +70c b106 1.0ppm 0 ? +50c enclosure: b507 0.5ppm 0 ? +50c d807 0.8ppm - 20 ? + 70c a: g2 9 4
vectron international www.vectron.com v. 2008 - 11 - 05 page 6 of 6 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 wat ts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax tx - 702 tcxo b287 0.28ppm 0 ? +50c d287 0.28ppm - 20 ? +70c signal: f807 0.8ppm - 40 ? +85c g287 0.28ppm - 30 ? +85c p : lvpecl f287 0.28ppm - 40 ? +85c l : lvds b157 0.15ppm 0 ? +50c notes: 1 contact facto ry for improved stabilities or additional product options. not all options and codes are available at all frequencies. 2 unless otherwise stated all values are valid after warm - up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25c) 3 phase noise degrades with increasing output frequency. 4 subject to technical modification. 5 contact factory for availability.


▲Up To Search▲   

 
Price & Availability of TX-702F287DPA012288MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X